Part Number Hot Search : 
1N5274UR BC857 263377 88X2010 T1043 WS7805K H8S2266 SK121
Product Description
Full Text Search
 

To Download CSNE151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Sensors Closed Loop Current Sensors
CSN Series
CATALOG NUMBER SYSTEM PLEASE NOTE: This matrix is intended only to aid you in identifying sensor catalog listings. It is not all-inclusive, and must not be used to form new listings. Example: CSNA111 CSN Closed Loop Current Sensor Current Range (Peak/RMS nom.) A 70 A/50 A rms nom. B 100 A/50 A rms nom. C 90 A/50 A rms nom. D 22 A/15 A rms nom. E 36 A/25 A rms nom. F 150 A/100 A rms nom. J 600 A/300 A rms nom. K 1200 A/500 A rms nom. L 600 A/300 A rms nom. M 1200 A/500 A rms nom. P 90 A/50 A rms nom. R 200 A/125 A rms nom. T 150 A/50 A rms nom. Supply Voltage 1 15 V 2 13 V 3 5 V 4 12 V to 18 V 5 15 V to 24 V 6 12 V to 15 V Coil Characteristics 1 1:1000 turns/90 @ 70C 2 1:2000 turns/160 @ 70C 3 1:2000 turns/130 @ 70C 4 1:1000 turns/50 @ 70C 5 1:1000 turns/110 @ 70C 6 1:1000 turns/30 @ 70C 7 1:2000 turns/80 @ 70C 8 1:2000 turns/25 @ 70C 9 1:5000 turns/50 @ 85C Housing Material 1 Polycarbonate/ABS blend
PDFINFO page- 060
FEATURES Current sensing up to 1200 amps Measures AC, DC and impulse currents Lowest cost/performance ratio Rapid response, no overshoot High overload capacity High level of electrical isolation between primary and secondary circuits Small size and weight
CLOSED LOOP SENSORS Closed loop current sensors measure AC, DC and impulse currents over 0-25, 0-50, 0-100, 0-600 and 0-1200 Amp ranges. The CSN Series is based on the principles of the Hall effect and the null balance or zero magnetic flux method (feedback system). The magnetic flux in the sensor core is constantly controlled at zero. The amount of current required to balance zero flux is the measure of the primary current flowing through the conductor, multiplied by the ratio of the primary to secondary windings. This closed loop current is the output from the device and presents an image of the primary current reduced by the number of secondary turns at any time. This current can be expressed as a voltage by passing it through a resistor.
60
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Solid State Sensors Closed Loop Current Sensors
CSNA, CSNB, CSNE SERIES ORDER GUIDE
Catalog Listing CSNA111 CSNB121 CSNB131 CSNE151 CSNE381* CSNH151* Current Range Amps 70 100 100 5-36 5-36 4-43 Supply Voltage VDC 5% 15 15 15 15 5V 15V Coil Characteristics Turns Resistance 1000 2000 2000 1000 1000 1000 90 160 130 110 66 110 @ 70C @ 70C @ 70C @ 70C @ 70C @ 70C Meas. Currents Nom. 50 mA for 50 A 25 mA for 50 A 25 mA for 50 A 25 mA for 25 A 25 mA for 25 A 25 mA for 25 A Meas. Resist (@ Inom) 40 to 130 40 to 270 40 to 300 100 to 320 0 to 84 100 to 320
CSN Series
NOTE: Extended temperature range and potting also available. * Contact the 800 number for more information.
SPECIFICATIONS
Catalog Listing Offset Current @ 25C, mA max. Temperature Drift, 0 to 70C, mA Linearity Supply Voltage Galvanic Isolation @ 50 Hz/1 min. Accuracy Response Time Bandwidth Temperature Primary Circuit Connection Secondary Circuit Connection Current Drain ``In-Out'' Sense Signal Mounting CSNA111 0.20 0.35 typ. 0.60 max. 0.1% 15V 2.5 kV rms 0.5% of IN (nominal Current) at 25C <1 s DC to 150 kHz Operating: 0 to 70C (32 to 150F) Thru-hole 3 Pins Thru-hole 3 Pins Storage: -25 to 85C (-13 to 185F) Thru-hole 3 Pins Invasive on 10 pins 3 Pins CSNB121 0.10 0.20 typ. 0.30 max. 0.1% 15V CSNB131 0.10 0.20 typ. 0.30 max. 0.1% 15V CSNE151 0.10 0.17 typ. 0.60 max. 0.2% 15V 5 kV rms
10 mA (no load current) + output current (secondary current) To obtain positive measuring current on O/P terminal, current must flow in direction of arrow PCB, 3 pins, hole size 0.95 mm PCB, 13 pins
PRIMARY PIN CONNECTIONS FOR CSNE151
Primary Current Primary Turns 1 Nom. IDN (A) 24 Max. ID (A) 36 Output Current (mA) 25 Primary Resistance (m ) 0.3 Primary Pin Connections
Current
2
12
18
24
1.1
3
8
12
24
2.5
4
6
9
24
4.4
5
5
7
25
6.3
WIRING DIAGRAMS CSNA111/CSNB121/CSNB131
CSNE151
PDFINFO
page- 061
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
61
Solid State Sensors Closed Loop Current Sensors
MOUNTING DIMENSIONS (for reference only) CSNA111, CSNB121, CSNB131
CSN Series
CSNE151/CSNE381
CSNH151
PDFINFO
page- 062
62
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Solid State Sensors Closed Loop Current Sensors
CSNJ, CSNK SERIES ORDER GUIDE
Current Range Amps 600 600 600 600 1200 1200 1200 1200 Supply Voltage VDC 5% 12 to 18 12 to 18 12 to 18 12 to 18 15 to 24 15 to 24 15 to 24 15 to 24 Coil Characteristics Turns 2000 2000 2000 2000 5000 5000 5000 5000 Resistance 25 25 25 25 50 50 50 50 @ 70C @ 70C @ 70C @ 70C @ 70C @ 70C @ 70C @ 70C Meas. Currents Nom. 150 mA for 300 A 150 mA for 300 A 150 mA for 300 A 150 mA for 300 A 100 mA for 500 A 100 mA for 500 A 100 mA for 500 A 100 mA for 500 A
CSN Series
Catalog Listings CSNJ481 CSNJ481-001* CSNJ481-002 CSNJ481-003* CSNK591 CSNK591-001* CSNK591-002 CSNK591-003*
*Fitted with busbar
Meas. Resist (@ Inom) 0 to 70 0 to 70 0 to 70 0 to 70 0 to 130 0 to 130 0 to 130 0 to 130
SPECIFICATIONS
Catalog Listings Offset Current @ 25C, mA max. Temperature Drift, 0 to 70C, mA Linearity Supply Voltage Galvanic Isolation @ 50 Hz/1 min. Accuracy Response Time Bandwidth Operating Temperature Storage Temperature Primary Circuit Connection Secondary Circuit Connection Current Drain ``In-Out'' Sense Signal Mounting CSNJ481 CSNJ481-001 0.30 0.30 typ. 0.50 max. 0.1% 12 to 18V 7.5 kV rms <1 s DC to 150 kHz -40 to 85C (-40 to 185F) -40 to 90C (-40 to 194F) Thru-hole or busbar 3 pins 0 to 70C (32 to 158F -25 to 85C (-13 to 85F Thru-hole or busbar 3 pins -40 to 85C (-40 to 185F) -40 to 90C (-40 to 194F) Thru-hole or busbar 3 pins 0 to 70C (32 to 158F) -25 to 85C (-13 to 85F) Thru-hole or busbar 3 pins CSNJ481-002 CSNJ481-003 0.30 0.30 typ. 0.50 max. 0.1% 12 to 18V 7.5 kV rms CSNK591 CSNK591-001 0.20 0.20 typ. 0.30 max. 0.1% 15 to 24V 6 kV rms CSNK591-002 CSNK591-003 0.20 0.20 typ. 0.30 max. 0.1% 15 to 24V 6 kV rms
0.5% of IN (nominal Current) at 25C
14 mA (no load current) + output current Faston, 3 pins
22 mA (24 V) + output current
To obtain positive measuring current on O/P terminal, current must flow in direction of arrow
Current
Push-on (spade), 3 terminals
WIRING DIAGRAM
PDFINFO
page- 063
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
63
Solid State Sensors Closed Loop Current Sensors
MOUNTING DIMENSIONS (for reference only) CSNJ481
CSN Series
CSNK591
PDFINFO
page- 064
64
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Solid State Sensors Closed Loop Current Sensors
CSNL, CSNM SERIES ORDER GUIDE
Peak Current Range Amps 600 1000 Supply Voltage VDC 5% 12 to 18 12 to 18 Coil Characteristics Turns 2000 5000 Resistance 25 50 @ 70C @ 70C Meas. Currents Nom. 150 mA for 300 A 100 mA for 500 A
CSN Series
Catalog Listings CSNL181 CSNM191
Meas. Resist (@ Inom) 0 to 70 0 to 120
SPECIFICATIONS
Catalog Listings Offset Current @ 25C, mA max. Temperature Drift, 0 to 70C, mA Linearity Supply Voltage Galvanic Isolation @ 50 Hz/1 min. Accuracy Response Time Bandwidth Operating Temperature Storage Temperature Primary Circuit Connection Secondary Circuit Connection Current Drain ``In-Out'' Sense Signal Mounting CSNL181 0.30 0.30 typ. 0.50 max. 0.1% 12 to 18V 7.5 kV rms 500 ns DC to 150 kHz -40 to 85C (-40 to 185F) -40 to 90C (-40 to 194F) Thru-hole 3 pins Thru-hole 3 pins CSNM191 0.20 0.20 typ. 0.30 max. 0.1% 12 to 18V 7.5 kV rms <1 s
0.5% of IN (nominal Current) at 25C
14 mA (no load current) + output current To obtain positive measuring current on O/P terminal, current must flow in direction of arrow Faston, 3 pins
WIRING DIAGRAM
Current
PDFINFO
page- 065
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
65
Solid State Sensors Closed Loop Current Sensors
MOUNTING DIMENSIONS (for reference only) CSNL181
CSN Series
CSNM191
PDFINFO
page- 066
66
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Solid State Sensors Closed Loop Current Sensors
CSNF, CSNR, CSNP, CSNT SERIES ORDER GUIDE
Peak Current Range Amps 90 150 150 180 200 200 Supply Voltage VDC 5% 12 to 15 12 to 15 12 to 15 12 to 15 12 to 15 12 to 15 Coil Characteristics Turns 1000 2000 1000 2000 1000 2000 Resistance 30 100 30 100 30 100 @ 70C @ 70C @ 70C @ 70C @ 70C @ 70C Meas. Currents Nom. 50 mA for 50 A 25 mA for 50 A 100 mA for 100 A 50 mA for 100 A 125 mA for 125 A 62.5 mA for 125 A
CSN Series
Catalog Listings CSNP661 CSNT651 CSNF161 CSNF151 CSNR161 CSNR151
NOTE: Busbar options available.
Meas. Resist (@ Inom) 50 to 100 40 to 75 10 to 40 10 to 75 30 to 40 10 to 40
SPECIFICATIONS
Catalog Listings Offset Current @ 25C, mA max. Temperature Drift, 0 to 70C, mA Linearity Supply Voltage Galvanic Isolation @ 50 Hz/1 min. Accuracy Response Time Bandwidth Operating Temperature Storage Temperature Primary Circuit Connection Secondary Circuit Connection Current Drain ``In-Out'' Sense Signal Mounting Pin Style CSNP661 0.20 0.30 typ. 0.50 max. 0.1% 12 to 15V 3 kV rms <500 ns DC to 150 kHz -40 to 85C (-40 to 185F) -40 to 90C (-40 to 194F) Thru-hole 3 pins 10 mA (no load current) + output current 3 pins A A B B B B 14 mA (no load current) + output current -40 to 85C (-40 to 185F) -40 to 90C (-40 to 194F) CSNT651 0.10 0.15 typ. 0.25 max. 0.1% 12 to 15V 3 kV rms CSNF161 0.20 0.30 typ. 0.50 max. 0.1% 12 to 15V 3 kV rms CSNF151 0.10 0.15 typ. 0.25 max. 0.1% 12 to 15V 3 kV rms CSNR161 0.20 0.30 typ. 0.60 max. 0.1% 12 to 15V 3 kV rms CSNR151 0.10 0.15 typ. 0.30 max. 0.1% 12 to 15V 3 kV rms
0.5% of IN (nominal Current) at 25C
To obtain positive measuring current on O/P terminal, current must flow in direction of arrow
Current
WIRING DIAGRAM
PDFINFO
page- 067
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
67
Solid State Sensors Closed Loop Current Sensors
MOUNTING DIMENSIONS (for reference only)
CSN Series
PDFINFO
page- 068
68
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada


▲Up To Search▲   

 
Price & Availability of CSNE151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X